Part Number Hot Search : 
MDR5100 KP110 BAV19 MHR66TF 1212S ADP3171 TQM7136 CA2813B
Product Description
Full Text Search
 

To Download MBR20150C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 1 general description high voltage dual schottky rectifier suited for switch mode power supplies and other power converters. this device is intended for use in medium voltage operation, and particularly, in high frequency circuits where low switching losses and low noise are required. the MBR20150C is available in standard, to-220-3, to-220-3 (2) and to-220f-3 packages. features ? high surge capacity ? 150 c operating junction temperature ? 20 a total (10 a per diode leg) ? guard-ring foe stress protection ? pb- free packages are available main product characteristics i f(av) 2*10a v rrm 150v t j 150 c v f(max) 0.75v mechanical characteristics ? case: epoxy, molded ? epoxy meets ul 94 v-0@ 0.125 in ? weight (approximately): 1.9 grams (to-220-3, to-220-3(2) and to-220f-3) ? finish: all extern al surfaces corrosion resistant and terminal ? leads are readily solderable ? lead temperature fo r soldering purposes: 260 c max. for 10 seconds applications ? power supply ? output rectification ? power management ? instrumentation figure 1. package type of MBR20150C to-220f-3 to-220-3 to-220-3 (2)
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 2 pin configuration t package (to-220-3) (to-220-3 (2)) 1 2 3 a1 k a2 tf package (to-220f-3) figure 2. pin configuration of MBR20150C (top view) figure 3. internal structure of MBR20150C
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 3 ordering information MBR20150C - e1: lead free circuit type g1: green package blank: tube t: to-220-3/to-220-3 (2) tf: to-220f-3 part number marking id package lead free green lead free green packing type to-220-3/ to-220-3(2) MBR20150Ct- e1 MBR20150Ct- g1 MBR20150Ct- e1 MBR20150Ct- g1 tube to-220f-3 MBR20150Ctf -e1 MBR20150Ctf -g1 MBR20150Ctf -e1 MBR20150Ctf -g1 tube bcd semiconductor's pb-free products, as designated with "e1" suffix in the part number, are rohs compliant. products with ?g1? suffix are available in green packages. absolute maximum ratings ( per diode leg) (note 1) note 1: stresses greater than those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating co nditions? is not implied. exposure to ?absolute maximum ratings? for extended periods may affect device reliability. note 2: the heat generated must be less than the thermal conductivity from junction ? to ? ambient: dp d /dt j < 1/ ja . parameter symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 150 v average rectified forward current (rated v r ) t c = 134 c i f(av) 10 a peak repetitive forward current (rated v r , square wave, 20 khz) t c = 133 c i frm 20 a non repetitive peak surge current (surge applied at rated load conditions half wave, single phase, 60hz) i fsm tbd a operating junction temperature range note 2 t j 150 c storage temperature range t stg -55 to 150 c voltage rate of change (rated v r ) dv/dt tbd v/ s esd ratings: machine model = c human body model =3b > 400 > 8000 v
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 4 recommended operating conditions parameter symbol condition value unit to-220-3/ to-220-3(2) 2.0 jc junction to case to-220f-3 3.0 to-220-3/ to-220-3(2) 60 maximum thermal resistance ja junction to ambient to-220f-3 60 c/w electrical characteristics parameter symbol conditions value units i f =10a, t c =25 c 0.9 maximum instantaneous forward voltage drop (note 3) v f i f =10a, t c =125 c 0.75 v rated dc voltage, t c =125 c 20 maximum instantaneous reverse current (note 3) i r rated dc voltage, t c =25 c 0.05 ma note 3: pulse test: pulse width = 300 s, duty cycle ? 2.0%.
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 5 typical performance characteristics figure 4. typical forward voltage per diode figure 5. typical reverse current per diode figure6. average forward current vs. . case temperature (square, per diode) 0.01 0.1 1 10 100 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 t j =150 c t j =125 c instantaneous forward voltage (v) instantaneous forward current (a) t j =25 c 0 20 40 60 80 100 120 140 160 0.01 0.1 1 10 100 1000 10000 t j =150 c t j =125 c reverse current ( a) reverse voltage (v) t j =25 c 90 100 110 120 130 140 150 160 0 5 10 15 20 average forward current (a) case temperature ( c)
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 6 mechanical dimensions to-220-3 unit: mm(inch) 3.560(0.140) 1.160(0.046) 0.813(0.032) 8 . 7 6 3 ( 0 . 3 4 5 ) 2.540(0.100) 0.356(0.014) 2.080(0.082) 3 7 3.560(0.140) 7 9.660(0.380) 0.550(0.022) 60 0.381(0.015) 2 . 5 8 0 ( 0 . 1 0 2 ) 6 0 1.500(0.059) 0.200(0.008) 2.540(0.100) 0.381(0.015) 0.406(0.016) 3 . 3 8 0 ( 0 . 1 3 3 ) 10.660(0.420) 4.060(0.160) 1.350(0.053) 4.820(0.190) 2.880(0.113) 1.760(0.069)
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 7 mechanical dimensions to-220-3(2) unit: mm(inch) 3 3 1.300(0.051) 3 9.800(0.386) 10.200(0.402) 3.560(0.140) 3.640(0.143) 0.700(0.028) 0.900(0.035) 1.270(0.050) 2.540(0.100) 2.540(0.100) 1.300(0.051) 0.600(0.024) 1.700(0.067) 4.500(0.177) 2.400(0.094) 0.400(0.016) 0.600(0.024) ?
preliminary datasheet high voltage power schottky rectifier MBR20150C jun. 2009 rev. 1. 0 bcd semiconductor manufacturing limited 8 mechanical dimensions (continued) to-220f-3 unit: mm(inch) 4.300(0.169) 0.450(0.018) 0.600(0.024) 2.540(0.100) 9.700(0.382) 10.300(0.406) 6.900(0.272) 7.100(0.280) 3.000(0.119) 3.400(0.134) 14.700(0.579) 16.000(0.630) 1.000(0.039) 1.400(0.055) 1.100(0.043) 1.500(0.059) 2.790(0.110) 4.500(0.177) 12.500(0.492) 13.500(0.531) 0.550(0.022) 0.900(0.035) 2.540(0.100) 3.000(0.119) 3.550(0.140) 3.370(0.133) 3.900(0.154) 2.350(0.093) 2.900(0.114) 4.900(0.075)
important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing co., ltd. 800 yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd., shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen, 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corp. 30920 huntwood ave. hayward, ca 94544, usa tel : +1-510-324-2988 fax: +1-510-324-2788 - headquarters bcd semiconductor manufacturing limited no. 1600, zi xing road, shanghai zizhu sc ience-based industrial park, 200241, china tel: +86-21-24162266, fax: +86-21-24162277 bcd semiconductor manufacturing limited important notice bcd semiconductor manufacturing limited reserves the right to make changes without further not ice to any products or specifi- cations herein. bcd semiconductor manufacturing limited does not as sume any responsibility for us e of any its products for any particular purpose, nor does bcd semiconductor manufacturi ng limited assume any liability aris ing out of the application or use of any its products or circui ts. bcd semiconductor manufacturing limited does not convey any license under its patent rights or other rights nor the rights of others. - wafer fab shanghai sim-bcd semiconductor manufacturing limited 800, yi shan road, shanghai 200233, china tel: +86-21-6485 1491, fax: +86-21-5450 0008 bcd semiconductor manufacturing limited main site regional sales office shenzhen office shanghai sim-bcd semiconductor manuf acturing co., ltd. shenzhen office advanced analog circuits (shanghai) corporation shenzhen office room e, 5f, noble center, no.1006, 3rd fuzhong road, futian district, shenzhen 518026, china tel: +86-755-8826 7951 fax: +86-755-8826 7865 taiwan office bcd semiconductor (taiwan) company limited 4f, 298-1, rui guang road, nei-hu district, taipei, taiwan tel: +886-2-2656 2808 fax: +886-2-2656 2806 usa office bcd semiconductor corporation 30920 huntwood ave. hayward, ca 94544, u.s.a tel : +1-510-324-2988 fax: +1-510-324-2788 - ic design group advanced analog circuits (shanghai) corporation 8f, zone b, 900, yi shan road, shanghai 200233, china tel: +86-21-6495 9539, fax: +86-21-6485 9673 bcd semiconductor manufacturing limited http://www.bcdsemi.com bcd semiconductor manufacturing limited


▲Up To Search▲   

 
Price & Availability of MBR20150C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X